Part Number Hot Search : 
ADG704 MPC9351D 24C1024 C548C LTC1235 PA3020NL AT24C08 R7S01612
Product Description
Full Text Search
 

To Download 438417 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  293d vishay sprague solid tantalum surface mount capacitors t antamount ? molded case, standard industrial grade document number: 40002 for technical questions, contact: tantalum@vishay.com www.vishay.com revision: 02-jun-09 41 features ? terminations: 100 % matte tin, standard, tin/lead available ? compliant terminations ? molded case availabl e in six case codes ? compatible with ?high volume? automatic pick and place equipment ? optical character recognition qualified ? meets iec specification qc300801/us0001 and eia535baac mechanical and performance requirements ? compliant to rohs directive 2002/95/ec performance/electri cal characteristics operating temperature: - 55 c to + 125 c note: refer to doc. 40088 capacitance range: 0.10 f to 1000 f capacitance tolerance: 5 %, 10 % , 20 % 100 % surge current tested (d and e case codes) voltage rating: 4 vdc to 63 vdc note we reserve the right to supply higher voltage ratings and ti ghter capacitance tolerance capacit ors in the same case size. voltage substitutions will be mark ed with the higher voltage rating. effective july 15, 2008, part numbers with solderable termination codes ?2t? and ?2w? may have either matte tin or tin/lead ter minations. codes 2te3 and 2we3 specify only matte tin terminations. codes 8t and 8w specify only tin/lead terminations. * pb containing terminations are not rohs compliant, exemptions may apply ordering information 293d 107 x9 010 d 2we3 type capacitance capacitance to l e r a n c e dc voltage rating at + 85 c case code termination and packaging this is expressed in picofarads. the first two digits are the significant figures. the third is the number of zeros to follow. x0 = 20 % x9 = 10 % x5 = 5 % this is expressed in v. to complete the three-digit block, zeros precede the voltage rating. a decimal point is indicated by an ?r? (6r3 = 6.3 v). see ratings and case codes table 2te3: matte tin, 7" (178 mm) reel 2we3: matte tin, 13" (330 mm) reel 8t: tin/lead, 7" (178 mm) reel 8w: tin/lead, 13" (330 mm) reel dimensions in inches [millimeters] case code eia size l w h p t w t h min. a 3216-18 0.126 0.008 [3.2 0.20] 0.063 0.008 [1.6 0.20] 0.063 0.008 [1.6 0.20] 0.031 0.012 [0.80 0.30] 0.047 0.004 [1.2 0.10] 0.028 [0.70] b 3528-21 0.138 0.008 [3.5 0.20] 0.110 0.008 [2.8 0.20] 0.075 0.008 [1.9 0.20] 0.031 0.012 [0.80 0.30] 0.087 0.004 [2.2 0.10] 0.028 [0.70] c 6032-28 0.236 0.012 [6.0 0.30] 0.126 0.012 [3.2 0.30] 0.098 0.012 [2.5 0.30] 0.051 0.012 [1.3 0.30] 0.087 0.004 [2.2 0.10] 0.039 [1.0] d 7343-31 0.287 0.012 [7.3 0.30] 0.170 0.012 [4.3 0.30] 0.110 0.012 [2.8 0.30] 0.051 0.012 [1.3 0.30] 0.095 0.004 [2.4 0.10] 0.039 [1.0] e 7343-43 0.287 0.012 [7.3 0.30] 0.170 0.012 [4.3 0.30] 0.158 0.012 [4.0 0.30] 0.051 0.012 [1.3 0.30] 0.095 0.004 [2.4 0.10] 0.039 [1.0] v 7343-20 0.287 0.012 [7.3 0.30] 0.170 0.012 [4.3 0.30] 0.079 max. [2.0 max.] 0.051 0.012 [1.3 0.30] 0.095 0.004 [2.4 0.10] 0.039 [1.0] l t min. h h w t w p
www.vishay.com for technical questions, contact: tantalum@vishay.com document number: 40002 42 revision: 02-jun-09 293d vishay sprague solid tantalum surface mount capacitors t antamount ? molded case, standard industrial grade ratings and case codes f 4 v 6.3 v 10 v 16 v 20 v 25 v 35 v 50 v 63 v 0.10 a a 0.15 a a/b 0.22 a a/b 0.33 a a/b 0.47 a a/b a/b/c 0.68 a a a/b b/c 1.0 a a a/b a/b b/c 1.5 a a a a/b b/c b/c 2.2 a a a/b a/b a/b b/c c/d 3.3 a a a a/b a/b a/b/c b/c c/d 4.7 a a/b a/b a/b a/b/c a/b/c/d b/c/d d d 6.8 a a/b a/b a/b/c a/b/c b/c c/d d/e 10 a/b a/b/c a/b/c a/b/c b/c b/c/d c/d d/e e 15 a/b a/b/c a/b/c b/c b/c/d b/c/d d/e e 22 a/bc a/b/c a/b/c b/c/d b/c/d c/d/v d/e 33 a/b/c a/b/c b/c/d b/c/d c/d d/e 47 a/b/c a/b/c/d b/c/d c/d d/e d/e 68 b/c/d b/c/d b/c/d/v d d/e 100 a/b/c/d b/c/d/v b/c/d/v d/e d/e 150 b/c/d c/d/e d/e d/e 220 b/c/d/e c/d/e d/e e 330 d/e d/e d/e 470 d/e d/e e 680 e e 1000 e note ? preliminary values, contact factory for availability. marking ?a? case voltage code volts code 4.0 g 6.3 j 10 a 16 c 20 d 25 e 35 v 50 t marking capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. ?a? case capacitors u se a letter code for the voltage and eia capacitance code. the vishay sprague ? trademark is included if space permits. capacitors rated at 6.3 v are marked 6 v. a manufacturing date code is marked on all capacitors. capacitors might bear a slightly different marking than the one shown above. for example, rating 22 f 10 v could be marked eit her as 22-10l or 22r10. call the factory for further explanation. capacitance code, pf indicates lead (pb)-fre e vishay sprague logo polarity band (+) voltag e code v 104l ?a? case size date code vishay spra g ue lo g o indicates lead (pb)-free volta g e capacitance f polarity band (+) 22 10l xx 2 ?b, c, d, e, v? case sizes
293d solid tantalum surfac e mount capacitors t antamount ? molded case, standar d industrial grade vishay sprague document number: 63060 for technical questions, contact: tantalum@vishay.com www.vishay.com revision: 02-jun-09 43 ratings and part number reference capacitance (f) case code part number max. dc leakage at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ) max. ripple 100 khz i rms (a) 4 vdc at + 85 c, 2.7 vdc at + 125 c 3.3 a 293d335(1)004a(2) 0.5 6 7.6 0.10 4.7 a 293d475(1)004a(2) 0.5 6 6.3 0.11 6.8 a 293d685(1)004a(2) 0.5 6 5.5 0.12 10 a 293d106(1)004a(2) 0.5 6 5.1 0.12 10 b 293d106(1)004b(2) 0.5 6 3.5 0.16 15 a 293d156(1)004a(2) 0.6 6 3.4 0.15 15 b 293d156(1)004b(2) 0.6 6 2.9 0.17 22 a 293d226(1)004a(2) 0.9 6 2.9 0.16 22 b 293d226(1)004b(2) 0.9 6 2.5 0.18 22 c 293d226(1)004c(2) 0.9 6 1.8 0.25 33 a 293d336(1)004a(2) 1.3 6 2.9 0.16 33 b 293d336(1)004b(2) 1.3 6 2.0 0.21 33 c 293d336(1)004c(2) 1.3 6 1.8 0.25 47 a 293d476(1)004a(2) 1.9 14 2.5 0.17 47 b 293d476(1)004b(2) 1.9 6 1.9 0.21 47 c 293d476(1)004c(2) 1.9 6 1.8 0.25 68 b 293d686(1)004b(2) 2.7 6 1.9 0.21 68 c 293d686(1)004c(2) 2.7 6 1.4 0.28 68 d 293d686(1)004d(2) 2.7 6 0.8 0.43 100 a 293d107(1)004a(2) 10.0 30 2.5 0.22 100 b 293d107(1)004b(2) 4.0 8 1.8 0.22 100 c 293d107(1)004c(2) 4.0 6 0.8 0.37 100 d 293d107(1)004d(2) 4.0 6 0.7 0.46 150 b 293d157(1)004b(2) 6.0 14 1.6 0.23 150 c 293d157(1)004c(2) 6.0 12 0.7 0.40 150 d 293d157(1)004d(2) 6.0 8 0.6 0.50 220 b 293d227x0004b(2) 8.8 18 1.5 0.24 220 c 293d227(1)004c(2) 8.8 8 0.7 0.40 220 d 293d227(1)004d(2) 8.8 8 0.6 0.50 220 e 293d227(1)004e(2) 8.8 8 0.5 0.57 330 d 293d337(1)004d(2) 13.2 8 0.6 0.50 330 e 293d337(1)004e(2) 13.2 8 0.5 0.57 470 d 293d477(1)004d(2) 18.8 10 0.6 0.50 470 e 293d477(1)004e(2) 18.8 10 0.5 0.57 680 e 293d687(1)004e(2) 27.2 12 0.5 0.57 1000 e 293d108x0004e(2) 40.0 20 0.5 0.57 6.3 vdc at + 85 c, 4 vdc at + 125 c 2.2 a 293d225(1)6r3a(2) 0.5 6 7.6 0.10 3.3 a 293d335(1)6r3a(2) 0.5 6 6.3 0.11 4.7 a 293d475(1)6r3a(2) 0.5 6 5.5 0.12 6.8 a 293d685(1)6r3a(2) 0.5 6 5.0 0.12 6.8 b 293d685(1)6r3b(2) 0.5 6 3.4 0.16 10 a 293d106(1)6r3a(2) 0.6 6 3.4 0.15 10 b 293d106(1)6r3b(2) 0.6 6 2.9 0.17 15 a 293d156(1)6r3a(2) 0.9 6 2.9 0.16 15 b 293d156(1)6r3b(2) 0.9 6 2.5 0.18 15 c 293d156(1)6r3c(2) 0.9 6 1.8 0.25 22 a 293d226(1)6r3a(2) 1.3 6 2.9 0.16 22 b 293d226(1)6r3b(2) 1.3 6 2.0 0.21 22 c 293d226(1)6r3c(2) 1.3 6 1.8 0.25 33 a 293d336(1)6r3a(2) 2.0 14 2.5 0.17 33 b 293d336(1)6r3b(2) 2.0 6 1.9 0.21 33 c 293d336(1)6r3c(2) 2.0 6 1.5 0.27 47 a 293d476(1)6r3a(2) 2.8 12 1.6 0.22 47 b 293d476(1)6r3b(2) 2.8 6 1.9 0.21 47 c 293d476(1)6r3c(2) 2.8 6 1.4 0.28 notes ? (1) tolerance: x0, x9, x5 ? (2) terminations and packaging: 2te3, 2we3, 8t, 8w
www.vishay.com for technical questions, contact: tantalum@vishay.com document number: 40002 44 revision: 02-jun-09 293d vishay sprague solid tantalum surface mount capacitors t antamount ? molded case, standard industrial grade 6.3 vdc at + 85 c, 4 vdc at + 125 c 47 d 293d476(1)6r3d(2) 2.8 6 0.8 0.43 68 b 293d686(1)6r3b(2) 4.1 6 1.8 0.22 68 c 293d686(1)6r3c(2) 4.1 6 0.8 0.37 68 d 293d686(1)6r3d(2) 4.1 6 0.7 0.46 100 b 293d107(1)6r3b(2) 6.0 15 1.7 0.22 100 c 293d107(1)6r3c(2) 6.0 6 0.8 0.37 100 d 293d107(1)6r3d(2) 6.0 6 0.7 0.46 100 v 293d107(1)6r3v(2) 6.0 8 0.7 0.42 150 c 293d157(1)6r3c(2) 9.0 8 0.7 0.40 150 d 293d157(1)6r3d(2) 9.0 8 0.6 0.50 150 e 293d157(1)6r3e(2) 9.0 8 0.5 0.57 220 c 293d227(1)6r3c(2) 13.9 14 0.7 0.39 220 d 293d227(1)6r3d(2) 13.2 8 0.6 0.50 220 e 293d227(1)6r3e(2) 13.2 8 0.5 0.57 330 d 293d337(1)6r3d(2) 19.8 8 0.6 0.50 330 e 293d337(1)6r3e(2) 19.8 8 0.5 0.57 470 d 293d477(1)6r3d(2) 28.2 14 0.5 0.55 470 e 293e477(1)6r3e(2) 28.2 10 1.5 0.57 680 e 293d687x06r3e(2) 42.8 20 0.5 0.57 10 vdc at + 85 c, 7 vdc at + 125 c 1.5 a 293d155(1)010a(2) 0.5 6 8.0 0.10 2.2 a 293d225(1)010a(2) 0.5 6 6.3 0.11 3.3 a 293d335(1)010a(2) 0.5 6 5.5 0.12 4.7 a 293d475(1)010a(2) 0.5 6 5.0 0.12 4.7 b 293d475(1)010b(2) 0.5 6 3.4 0.16 6.8 a 293d685(1)010a(2) 0.7 6 4.2 0.13 6.8 b 293d685(1)010b(2) 0.7 6 2.9 0.17 10 a 293d106(1)010a(2) 1.0 6 3.4 0.15 10 b 293d106(1)010b(2) 1.0 6 2.5 0.18 10 c 293d106(1)010c(2) 1.0 6 1.8 0.25 15 a 293d156(1)010a(2) 1.5 6 2.9 0.16 15 b 293d156(1)010b(2) 1.5 6 2.0 0.21 15 c 293d156(1)010c(2) 1.5 6 1.8 0.25 22 a 293d226(1)010a(2) 2.2 8 2.5 0.17 22 b 293d226(1)010b(2) 2.2 6 1.9 0.21 22 c 293d226(1)010c(2) 2.2 6 1.5 0.27 33 b 293d336(1)010b(2) 3.3 6 1.9 0.21 33 c 293d336(1)010c(2) 3.3 6 1.4 0.28 33 d 293d336(1)010d(2) 3.3 6 0.8 0.43 47 b 293d476(1)010b(2) 4.7 6 1.8 0.22 47 c 293d476(1)010c(2) 4.7 6 1.1 0.32 47 d 293d476(1)010d(2) 4.7 6 0.7 0.46 68 b 293d686(1)010b(2) 6.8 14 1.8 0.22 68 c 293d686(1)010c(2) 6.8 6 1.0 0.33 68 d 293d686(1)010d(2) 6.8 6 0.7 0.46 68 v 293d686(1)010v(2) 6.8 6 0.7 0.42 notes ? (1) tolerance: x0, x9, x5 ? (2) terminations and packaging: 2te3, 2we3, 8t, 8w ratings and part number reference capacitance (f) case code part number max. dc leakage at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ) max. ripple 100 khz i rms (a)
293d solid tantalum surfac e mount capacitors t antamount ? molded case, standar d industrial grade vishay sprague document number: 63060 for technical questions, contact: tantalum@vishay.com www.vishay.com revision: 02-jun-09 45 10 vdc at + 85 c, 7 vdc at + 125 c 100 b 293d107x0010b(2) 10 25 2.5 0.18 100 c 293d107(1)010c(2) 10 8 0.9 0.35 100 d 293d107(1)010d(2) 10 8 0.6 0.50 100 v 293d107(1)010v(2) 10 8 0.7 0.42 150 d 293d157(1)010d(2) 15 8 0.6 0.50 150 e 293d157(1)010e(2) 15 8 0.5 0.57 220 d 293d227(1)010d(2) 22 8 0.6 0.50 220 e 293d227(1)010e(2) 22 8 0.5 0.57 330 d 293d337x0010d(2) 33 15 0.5 0.57 330 e 293d337(1)010e(2) 33 10 0.5 0.57 470 e 293d477x0010e(2) 47 15 0.5 0.57 16 vdc at + 85 c, 10 vdc at + 125 c 1.0 a 293d105(1)016a(2) 0.5 4 9.3 0.09 1.5 a 293d155(1)016a(2) 0.5 6 6.7 0.11 2.2 a 293d225(1)016a(2) 0.5 6 5.9 0.11 2.2 b 293d225(1)016b(2) 0.5 6 4.6 0.14 3.3 a 293d335(1)016a(2) 0.5 6 5.0 0.12 3.3 b 293d335(1)016b(2) 0.5 6 3.5 0.16 4.7 a 293d475(1)016a(2) 0.8 6 5.0 0.12 4.7 b 293d475(1)016b(2) 0.8 6 2.9 0.17 6.8 a 293d685(1)016a(2) 1.1 6 4.2 0.13 6.8 b 293d685(1)016b(2) 1.1 6 2.5 0.18 6.8 c 293d685(1)016c(2) 1.1 6 1.9 0.24 10 a 293d106(1)016a(2) 1.6 6 3.0 0.16 10 b 293d106(1)016b(2) 1.6 6 2.0 0.21 10 c 293d106(1)016c(2) 1.6 6 1.8 0.25 15 b 293d156(1)016b(2) 2.4 6 2.0 0.21 15 c 293d156(1)016c(2) 2.4 6 1.5 0.27 22 b 293d226x0016b(2) 3.5 6 1.9 0.21 22 c 293d226(1)016c(2) 3.5 6 1.4 0.28 22 d 293d226(1)016d(2) 3.5 6 0.8 0.43 33 b 293d336(1)016b(2) 5.3 6 1.8 0.22 33 c 293d336(1)016c(2) 5.3 6 1.1 0.32 33 d 293d336(1)016d(2) 5.3 6 0.7 0.46 47 c 293d476(1)016c(2) 7.5 6 1.0 0.33 47 d 293d476(1)016d(2) 7.5 6 0.7 0.46 68 d 293d686(1)016d(2) 10.9 6 0.6 0.50 100 d 293d107(1)016d(2) 16 8 0.6 0.50 100 e 293d107(1)016e(2) 16 8 0.6 0.52 150 d 293d157(1)016d(2) 24 8 0.6 0.50 150 e 293d157(1)016e(2) 24 8 0.5 0.57 220 e 293d227(1)016e(2) 35.2 14 0.5 0.57 20 vdc at + 85 c, 13 vdc at + 125 c 0.68 a 293d684(1)020a(2) 0.5 4 10.0 0.09 1.0 a 293d105(1)020a(2) 0.5 4 8.4 0.09 1.5 a 293d155(1)020a(2) 0.5 6 6.3 0.11 2.2 a 293d225(1)020a(2) 0.5 6 5.9 0.11 2.2 b 293d225(1)020b(2) 0.5 6 3.5 0.16 3.3 a 293d335(1)020a(2) 0.7 6 5.9 0.11 3.3 b 293d335(1)020b(2) 0.7 6 3.0 0.17 4.7 a 293d475(1)020a(2) 0.9 6 5.0 0.12 4.7 b 293d475(1)020b(2) 0.9 6 2.9 0.17 4.7 c 293d475(1)020c(2) 0.9 6 2.3 0.22 notes ? (1) tolerance: x0, x9, x5 ? (2) terminations and packaging: 2te3, 2we3, 8t, 8w ratings and part number reference capacitance (f) case code part number max. dc leakage at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ) max. ripple 100 khz i rms (a)
www.vishay.com for technical questions, contact: tantalum@vishay.com document number: 40002 46 revision: 02-jun-09 293d vishay sprague solid tantalum surface mount capacitors t antamount ? molded case, standard industrial grade 20 vdc at + 85 c, 13 vdc at + 125 c 6.8 a 293d685(1)020a(2) 1.4 6 4.5 0.13 6.8 b 293d685(1)020b(2) 1.4 6 2.5 0.18 6.8 c 293d685(1)020c(2) 1.4 6 1.9 0.24 10 b 293d106(1)020b(2) 2.0 6 2.1 0.20 10 c 293d106(1)020c(2) 2.0 6 1.7 0.25 15 b 293d156(1)020b(2) 3.0 6 2.3 0.19 15 c 293d156(1)020c(2) 3.0 6 1.5 0.27 15 d 293d156(1)020d(2) 3.0 6 0.9 0.41 22 b 293d226(1)020b(2) 4.4 6 2.1 0.20 22 c 293d226(1)020c(2) 4.4 6 1.1 0.32 22 d 293d226(1)020d(2) 4.4 6 0.7 0.46 33 c 293d336(1)020c(2) 6.6 6 1.0 0.33 33 d 293d336(1)020d(2) 6.6 6 0.7 0.46 47 d 293d476(1)020d(2) 9.4 6 0.7 0.46 47 e 293d476(1)020e(2) 9.4 6 0.6 0.52 68 d 293d686(1)020d(2) 13.6 6 0.7 0.46 68 e 293d686(1)020e(2) 13.6 6 0.6 0.52 100 d 293d107(1)020d(2) 20.0 8 0.6 0.50 100 e 293d107(1)020e(2) 20.0 8 0.5 0.57 25 vdc at + 85 c, 17 vdc at + 125 c 0.47 a 293d474(1)025a(2) 0.5 4 12.0 0.08 0.68 a 293d684(1)025a(2) 0.5 4 8.4 0.09 1.0 a 293d105(1)025a(2) 0.5 4 7.6 0.10 1.0 b 293d105(1)025b(2) 0.5 4 5.0 0.13 1.5 a 293d155(1)025a(2) 0.5 6 6.7 0.11 1.5 b 293d155(1)025b(2) 0.5 6 4.6 0.14 2.2 a 293d225(1)025a(2) 0.6 6 6.3 0.11 2.2 b 293d225(1)025b(2) 0.6 6 3.8 0.15 3.3 a 293d335(1)025a(2) 0.8 6 4.0 0.14 3.3 b 293d335(1)025b(2) 0.8 6 3.1 0.17 3.3 c 293d335(1)025c(2) 0.8 6 2.3 0.22 4.7 a 293d475(1)025a(2) 1.2 6 5.5 0.12 4.7 b 293d475(1)025b(2) 1.2 6 2.8 0.17 4.7 c 293d475(1)025c(2) 1.2 6 2.0 0.24 4.7 d 293d475(1)025d(2) 1.2 6 1.3 0.34 6.8 b 293d685(1)025b(2) 1.7 6 2.4 0.19 6.8 c 293d685(1)025c(2) 1.7 6 1.7 0.25 10 b 293d106(1)025b(2) 2.5 6 2.3 0.19 10 c 293d106(1)025c(2) 2.5 6 1.5 0.27 10 d 293d106(1)025d(2) 2.5 6 1.0 0.39 15 b 293d156(1)025b(2) 3.8 6 2.2 0.20 15 c 293d156(1)025c(2) 3.8 6 1.2 0.30 15 d 293d156(1)025d(2) 3.8 6 0.8 0.43 22 c 293d226(1)025c(2) 5.5 6 1.2 0.30 22 d 293d226(1)025d(2) 5.5 6 0.7 0.46 22 v 293d226(1)025v(2) 5.5 6 0.7 0.42 33 d 293d336(1)025d(2) 8.3 6 0.7 0.46 33 e 293d336(1)025e(2) 8.3 6 0.6 0.52 47 d 293d476(1)025d(2) 11.8 8 0.7 0.46 47 e 293d476(1)025e(2) 11.8 6 0.6 0.52 notes ? (1) tolerance: x0, x9, x5 ? (2) terminations and packaging: 2te3, 2we3, 8t, 8w ratings and part number reference capacitance (f) case code part number max. dc leakage at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ) max. ripple 100 khz i rms (a)
293d solid tantalum surfac e mount capacitors t antamount ? molded case, standar d industrial grade vishay sprague document number: 63060 for technical questions, contact: tantalum@vishay.com www.vishay.com revision: 02-jun-09 47 35 vdc at + 85 c, 23 vdc at + 125 c 0.10 a 293d104(1)035a(2) 0.5 4 20.0 0.06 0.15 a 293d154(1)035a(2) 0.5 4 18.0 0.07 0.22 a 293d224(1)035a(2) 0.5 4 15.0 0.07 0.33 a 293d334(1)035a(2) 0.5 4 13.0 0.08 0.47 a 293d474(1)035a(2) 0.5 4 10.0 0.09 0.47 b 293d474(1)035b(2) 0.5 4 8.0 0.10 0.68 a 293d684(1)035a(2) 0.5 4 7.6 0.10 0.68 b 293d684(1)035b(2) 0.5 4 6.5 0.11 1.0 a 293d105(1)035a(2) 0.5 4 7.5 0.10 1.0 b 293d105(1)035b(2) 0.5 4 5.0 0.13 1.5 b 293d155(1)035b(2) 0.5 6 4.2 0.14 1.5 c 293d155(1)035c(2) 0.5 6 3.8 0.17 2.2 b 293d225(1)035b(2) 0.8 6 3.8 0.15 2.2 c 293d225(1)035c(2) 0.8 6 2.9 0.20 3.3 b 293d335(1)035b(2) 1.2 6 3.5 0.16 3.3 c 293d335(1)035c(2) 1.2 6 2.1 0.23 4.7 b 293d475(1)035b(2) 1.7 6 3.1 0.17 4.7 c 293d475(1)035c(2) 1.6 6 1.9 0.24 4.7 d 293d475(1)035d(2) 1.6 6 1.3 0.34 6.8 c 293d685(1)035c(2) 2.4 6 1.8 0.25 6.8 d 293d685(1)035d(2) 2.4 6 1.1 0.37 10 c 293d106(1)035c(2) 3.5 6 1.6 0.26 10 d 293d106(1)035d(2) 3.5 6 0.8 0.43 15 d 293d156(1)035d(2) 5.3 6 0.7 0.46 15 e 293d156(1)035e(2) 5.3 6 0.7 0.49 22 d 293d226(1)035d(2) 7.7 6 0.6 0.52 22 e 293d226(1)035e(2) 7.7 6 0.6 0.52 50 vdc at + 85 c, 33 vdc at + 125 c 0.10 a 293d104(1)050a(2) 0.5 4 19.0 0.06 0.15 a 293d154(1)050a(2) 0.5 4 17.0 0.07 0.15 b 293d154(1)050b(2) 0.5 4 14.0 0.08 0.22 a 293d224(1)050a(2) 0.5 4 15.0 0.07 0.22 b 293d224(1)050b(2) 0.5 4 12.0 0.08 0.33 a 293d334(1)050a(2) 0.5 4 14.0 0.07 0.33 b 293d334(1)050b(2) 0.5 4 10.0 0.09 0.47 a 293d474(1)050a(2) 0.5 4 12.0 0.08 0.47 b 293d474(1)050b(2) 0.5 4 8.4 0.10 0.47 c 293d474(1)050c(2) 0.5 4 6.7 0.13 0.68 b 293d684(1)050b(2) 0.5 4 7.6 0.11 0.68 c 293d684(1)050c(2) 0.5 4 5.9 0.14 1.0 b 293d105(1)050b(2) 0.5 4 6.7 0.11 1.0 c 293d105(1)050c(2) 0.5 4 4.6 0.16 1.5 b 293d155(1)050b(2) 0.8 6 6.0 0.12 1.5 c 293d155(1)050c(2) 0.8 6 3.4 0.18 2.2 c 293d225(1)050c(2) 1.1 6 2.9 0.20 2.2 d 293d225(1)050d(2) 1.1 6 2.1 0.27 3.3 c 293d335(1)050c(2) 1.7 6 2.5 0.21 3.3 d 293d335(1)050d(2) 1.7 6 1.7 0.30 4.7 c 293d457(1)050c(2) 2.4 6 1.5 0.27 4.7 d 293d475(1)050d(2) 2.4 6 1.2 0.37 notes ? (1) tolerance: x0, x9, x5 ? (2) terminations and packaging: 2te3, 2we3, 8t, 8w ratings and part number reference capacitance (f) case code part number max. dc leakage at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ) max. ripple 100 khz i rms (a)
www.vishay.com for technical questions, contact: tantalum@vishay.com document number: 40002 48 revision: 02-jun-09 293d vishay sprague solid tantalum surface mount capacitors t antamount ? molded case, standard industrial grade 50 vdc at + 85 c, 33 vdc at + 125 c 6.8 d 293d685(1)050d(2) 3.4 6 0.9 0.41 6.8 e 293d685(1)050e(2) 3.4 6 0.9 0.43 10 d 293d106(1)050d(2) 5.0 6 0.8 0.43 10 e 293d106(1)050e(2) 5.0 6 0.8 0.45 15 e 293d156(1)050e(2) 7.5 6 0.8 0.45 63 vdc at + 85 c, 40 vdc at + 125 c 4.7 d 293d475(1)063d(2) 3.0 6 1.1 0.37 10 e 293d106(1)063e(2) 6.3 6 1.0 0.41 notes ? (1) tolerance: x0, x9, x5 ? (2) terminations and packaging: 2te3, 2we3, 8t, 8w ratings and part number reference capacitance (f) case code part number max. dc leakage at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ) max. ripple 100 khz i rms (a) typical curves at + 25 c, impedance and esr vs. frequency 0.1 100 10 1 100m 1k 10k 100k 1m 10m impedance esr 4.7 f, 10 vdc-b case 4.7 f, 10 vdc-d case 0.1 100 10 1 100m 1k 10k 100k 1m 10m frequency in (hz) impedance esr 22 f, 20 vdc-d case 6.8 f, 20 vdc-c case
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of 438417

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X